Part Number Hot Search : 
MT2121 6004IST AD603 1N4745A 00M400ST M2432 L239E BC209B
Product Description
Full Text Search
 

To Download BAT54S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 / A / C / S
SCHOTTKY DIODES
BAT54 BAT54A BAT54C BAT54S
Marking Code: L4 Marking Code: L42 Marking Code: L43 Marking Code: L44
BAT54
3
BAT54S
3
BAT54C
3
BAT54A
3
1
2
1
2
1
2
1
2
Absolute Maximum Ratings1) (Ta = 25OC)
Parameter Repetitive peak reverse voltage Average rectified forward current Non-repetitive peak forward surge current at Pulse width=1.0 second Power dissipation Thermal resistance junction to ambient air Junction temperature Storage temperature range
1)
Symbol VRRM IF(AV) IFSM Ptot RJA Tj TS
Limits 30 200 600 290 430 -55 to +150 -55 to +150
Unit V mA mA mW
O
C/W
O
C C
O
These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Characteristics at Ta = 25OC
Parameter Forward voltage at IF = 0.1mA at IF = 1mA at IF = 10mA at IF = 30mA at IF = 100mA Reverse current at VR = 25V Breakdown voltage at IR =10A Total capacitance at VR = 1V, f = 1MHz Reverse recovery time at IF = 10mA, IR = 10mA, IRR = 1mA, RL = 100 Symbol VF VF VF VF VF IR VR Ctot trr Min. 30 Max. 240 320 400 500 1000 2 10 5 Unit mV mV mV mV mV A V pF ns
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 19/10/2005
BAT54 / A / C / S
Typical Forward Voltage Forward Current at Various Temperatures
1000 1000
Typical Variation of Reverse Current at Various Temperatures
100
I F in mA
A
Tj=125 C Tj=- 40 C
o
o
100
Tj=125 oC Tj=100 oC
I R in
10
10
Tj=75 o C Tj=50 oC
1
Tj=25 o C
1
0.1
0.1
Tj=25 oC
0.01 0 0.2 0.4 0.6 VF in V 0.8 1.0 1.2 1.4
0.01 0 5 10 15 VR in V 20 25 30
Typical Capacitance oC vs. Reverse Applied Voltage VR
14 12
Cin pF
10 8
6 4 2
0 0 4 8 12 VR in V 16 20 24 28
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 19/10/2005


▲Up To Search▲   

 
Price & Availability of BAT54S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X